PART |
Description |
Maker |
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
HUF76407D3 HUF76407D3S HUF76407D3ST |
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
IRFIZ34N-004 IRFIZ46N-002 IRFIZ46N-029 IRFIZ46N-02 |
19 A, 55 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 31 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 13 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 28 A, 55 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 2.1 A, 250 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 21 A, 60 V, 0.042 ohm, N-CHANNE 28 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4.5 A, 100 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. JST Mfg. Co., Ltd. Vishay Intertechnology, Inc. Austin Semiconductor, Inc
|
FX6ASH3 FX6ASH2 FX6UMH3 FX6VSH3 FX6SMH3 FX6KMH2 FX |
TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | TO-252AA TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | TO-252AA TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | TO-220AB TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | TO-263AB TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | TO-247VAR TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | SOT-186 TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | TO-263AB TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | TO-220AB TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 6A I(D) | TO-247VAR TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 6A I(D) | SOT-186 TRANSISTOR | MOSFET | P-CHANNEL | 100V V(BR)DSS | 20A I(D) | TO-252AA 晶体管| MOSFET的| P通道| 100V的五(巴西)直| 20A条(丁)|52AA TRANSISTOR | MOSFET | P-CHANNEL | 150V V(BR)DSS | 3A I(D) | TO-220AB 晶体管| MOSFET的| P通道| 150伏五(巴西)直| 3A条(丁)| TO - 220AB现有
|
Cooper Bussmann, Inc.
|
NIMD6302R2 |
HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
|
ONSEMI[ON Semiconductor]
|
STD2N50 STD2N50-1 STD2N50T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2A I(D) | TO-252 晶体管| MOSFET的| N沟道| 500V五(巴西)直|甲(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR -通道增强型功率MOS器件 STD2N50-1 I-PAK MOSFET-TRANSIT N-CHANNEL MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
IXFX32N50Q IXFK30N50Q IXFK32N50Q IXFX30N50Q |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 32A I(D) | TO-264AA TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|32AI(D)|TO-247VAR
HIPERFET POWER MOSFETS Q-CLASS
|
IXYS[IXYS Corporation]
|
2SJ404 2SJ405 2SK2163 |
TRANSISTOR | MOSFET | P-CHANNEL | 200V V(BR)DSS | 6A I(D) | TO-220AB Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 40A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 40A条(丁)|20VAR
|
EPCOS AG
|
FS5VSJ06 FS30UMJ06 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 5A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 30A I(D) | TO-220AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 30A条(丁)| TO - 220AB现有
|
Powerex, Inc.
|
ALD521DSD ALD521D ALD521DPD |
MOSFET, P POWERPAKMOSFET, P POWERPAK; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:50A; Power, Pd:1.8W; Resistance, Rds on:0.0085R; SMD:1; 24 BIT SERIAL INTERFACE DIGITAL CONTROLLER
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
NSFY30509 NSFY30942 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 7A I(D) | TO-257 TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 3A I(D) | TO-257 晶体管| MOSFET的| N沟道| 900V五(巴西)直| 3A条(丁)|57
|
Harwin PLC
|
|